Part Number Hot Search : 
ATS02 TM6667 12S05 TD100M10 PD444 245DW 04110 C4881
Product Description
Full Text Search
 

To Download PC4592C-12SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DPDT Miniature PCB Power Relay
PC459
FEATURES Lowest cost DPDT relay 2A, 2B and 2C contact forms available 5 and 8 amp versions available Sealed, immersion cleanable Class B(125 degrees C) insulation standard Class F(155 degrees C) insulation available
File # E86876
CONTACT RATINGS
Contact Form All Contact Forms .5 Watt Coil .6 Watt Coil 3 amps @ 277 VAC Max Switching Current 5 amps @ 125 VAC 3 amps @ 30VDC Max. Switching Voltage Minimum Load 30 VDC 5 amps @ 277 VAC 8 amps @ 125 VAC 5 amps @ 30VDC 30 VDC
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical
AgCdO (silver cadmium oxide) AgSnO (silver tin oxide)
100 milliohms max @ 0.1A, 6VDC 1 X 10 Operations 1 X 10 5 Operations
7
0.05 Amps @ 5 VDC (gold clad)
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Range Weight 5 ms. typical 4 ms. typical 100 megohms min, at 500VDC, 50%RH 1000 Vrms, 1 min. between coil and contacts 30 g, 6 ms, functional; 100 g, destructive 6g, 10 - 500 Hz 1 Meter height drop on concrete 0.5 W or .6 W -40 to 105 degrees C operating, -40 to 125 storage 12 grams approx.
ORDERING INFORMATION
Example: Model Contact Form 2A, 2B, or 2C Coil Voltage Enclosure S: Sealed, C: Dust Cover Options G: Gold Clad PC459 -2C -12 S G
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC459 Rev C 4-5-04
PAGE 1
PC459
COIL DATA
Resistance Coil Voltage 6 9 12 24 6 9 12 24 + ohms _ 10% 72 162 288 1152 60 135 240 960 Must Operate Voltage Max. VDC 4.5 6.75 9.0 18.0 4.5 6.75 9.0 18.0 Must Release Voltage Min. VDC 0.6 0.9 1.2 2.4 0.6 0.9 1.2 2.4 0.6 0.5
PC459
Coil Power Consumption W
Dimensions in Inches (millimeters) Side View
.866 (22.0)
End View
.650 (16.5)
Bottom View PC Board Layout
.201 (5.1) .098 (2.5) .401 (10.2) .201 (5.1) .500 (12.7)
.650 (16.5) .177 (4.5)
8 X .060 (1.5)
2A
2B
2C
Wiring Diagrams Bottom View
Tolerances + .010 unless otherwise noted
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2


▲Up To Search▲   

 
Price & Availability of PC4592C-12SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X